PART |
Description |
Maker |
74AHCT164D 74AHC164D 74AHC164PW 74AHCT164PW 74AHCT |
74AHC164; 74AHCT164; 8-bit serial-in/parallel-out shift register
|
Philips NXP Semiconductors
|
74LVTH162240 74LVT162240 74LVT162240MEAX 74LVT1622 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs Quad 4-Bit Buffer/Driver 1K, 128 x 8, 2.5V SER EE, -40C to 85C, 8-MSOP, T/R 位缓冲器/驱动 1K, 128 X 8, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R
|
Fairchild Semiconductor Ohmite Mfg. Co.
|
74LVT16374 74LVTH16374 74LVT16374GX 74LVTH16374GX |
32K, 4K X 8, 2.5V SER EE EXT, -40C to 125C, 8-SOIC 208mil, T/R 触发器| 16位| D型|小型终端/ ALVT,BICMOS工艺| SSOP封装| 48PIN |塑料 Low Voltage 16-Bit D-Type Flip-Flop From old datasheet system Low Voltage 16-Bit D Flip-Flop with 3-STATE Outputs
|
ON Semiconductor Fairchild Semiconductor
|
74LVTH16500MEAX 74LVTH16500GX 74LVTH16500MTDX |
8K SPI 1K X 8, 16B PAGE, 2.5V SER EE, -40C to 85C, 8-PDIP, TUBE 18位总线收发 Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
5050935-1 |
Discrete Sockets; SOCKET,MIN-SPR SN-AU SER-1 ( AMP )
|
Tyco Electronics
|
74LVT16244MEAX |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-TSSOP, T/R 位缓冲器/驱动
|
Bourns, Inc.
|
74LVTH322245G 74LVT322245G 74LVTH322245 74LVT32224 |
Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25-Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25蟹 Series Resistors in A Port Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
SML-522MU8W SML-522MU8WT86 SML-522MD8W SML-521MDW |
SML-52 Series Abundant 2 color variations 2-color type LED
|
Rohm
|
25LC640XT-I_ST 25AA640_04 25AA640-E_P 25AA640-E_SN |
64K SPI Bus Serial EEPROM 64k, 5K X 8, 2.5V SER EE, -40C to 125C, 8-SOIC 150mil, TUBE
|
MICROCHIP[Microchip Technology]
|
74LVC377D-T 74LVC377PW-T |
1 MHZ 256K I2C SERIAL EEPROM, -40C to 85C, 8-MSOP, T/R 八路D类触发器 256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 208mil, T/R 八路D类触发器
|
CEC Industries, Ltd.
|
MC74HC76 MC74HC76D MC74HC76N ON1498 |
From old datasheet system DUAL JK FLIP-FLOP WITH SER AND RESET Dual JK Flip-Flop With Set and Reset
|
MOTOROLA[Motorola, Inc] ON Semi
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|